Electronic Components Datasheet Search
  English  ▼

X  

LM3464AMH Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464AMH
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464AMH Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3464AMH Datasheet HTML 14Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 15Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 16Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 17Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 18Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 19Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 20Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 21Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
For V
RAIL(peak) = 150V, the maximum value of RDRx is:
And the minimum value of R
DRx is:
Thus, the value of R
DRx must be selected in the range:
To minimize power dissipation on the zener diodes, a stan-
dard 42.2k
Ω resistor can be used for the R
DRx. Because the
resistors, R
DRx are used to absorb the power being introduced
by the voltage difference between V
RAIL and VZx, the maxi-
mum power dissipation on every R
DRx equals to:
Thus, a standard 42.2k
Ω resistor with 0.25W power rating
(1206 package) and 1% tolerance can be used.
Calculating the Values of Z
IN and RIN:
Similar to the requirements of selecting the Zx and R
DRx, the
voltage at the VIN pin of the LM3464/64A is clamped to 75V
by a voltage clamping circuit consists of Z
IN and RIN. Because
the maximum operating and shut-down current (V
EN < 2.1V)
are 3mA and 700uA respectively, in order to ensure the volt-
age of the VIN pin is clamped close to 75V even when the
LM3464/64A is disabled, a 1.5W/75V zener diode CMZ5946B
from Central Semiconductor is used to ensure adequate con-
duction current for Z
IN. The reverse current of the CMZ5946B
is specified 5mA at 75V, so the allowable current flows
through Z
IN is in between 5mA to 20mA.
The value of R
IN is governed by the following equations:
Maximum value of R
IN:
Minimum value of R
IN:
So the value of R
IN must be in the range:
To minimize power dissipations on both the Z
IN and RIN, a
standard 9.31k
Ω resistor can be selected for the R
IN. Then
the maximum power dissipation on R
IN is:
Thus, a standard 9.38k
Ω resistor with 2512 package (1W)
and 1% tolerance can be used.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com