Electronic Components Datasheet Search
  English  ▼

X  

LM3464AMH Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464AMH
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464AMH Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3464AMH Datasheet HTML 11Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 12Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 13Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 14Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 15Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 16Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 17Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 18Page - National Semiconductor (TI) LM3464AMH Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
30115035
FIGURE 11. Thermal Foldback + PWM Dimming Control
LOW POWER STANDBY
The LM3464/64A will enter low power standby mode when
the EN pin is pulled to GND. The EN pin is internally biased
thus no external pull-up resistor or bias is required. Under
standby mode, all the output channels are cut-off and part of
the internal circuitries are disabled to maintain low power
consumption. Upon the EN pin is pulled low, the OutP pin
stopa sinking current from the feedback node of the primary
power stage. This causes the rail voltage fall back to V
RAIL
(nom) slowly as the output capacitors of the primary power
supply are being discharged by the LEDs. Pulling the EN pin
low will not disable the V
CC regulator. When the EN pin is
released (floating), the LM3464/64A exits low power standby
mode and the startup sequence begins as described in Figure
3.
FAULT HANDLING and INDICATION
The LM3464/64A features a complete mechanism for fault
handling and indication. The LM3464/64A detects LED fail-
ures and raises fault indication signal at the Faultb pin upon
open or short circuits of LED strings, insufficient supply volt-
age and so on. In order to avoid false triggering the fault
detection circuitry, the LM3464/64A features a timer for fault
recognition. When a fault condition arises and sustains longer
than the time constant preset by the capacitor , C
FLT, a fault
is confirmed. The Faultb pin is then pulled low as an indica-
tion. The time constant for fault detection is defined by the
value of the capacitor connects across the FAULT_CAP pin
and GND, C
FLT. Normally, a 2.2 nF CFLT that set a 264 us
delay time is suitable for most application. For those applica-
tions with slow response primary power supply, the value of
C
FLT may need to increase accordingly. The time delay for
fault detection is governed by the following equation:
OPEN CIRCUIT OF LED STRINGS
Detection of LED open circuit is achieved by detecting the
voltages of the SEx pin and the internal gate control signal
being fed to the internal MOSFET gate driver. When a LED
string is open circuit, the V
SEx pin is pulled down to below
30mV by the current sensing resistor. As V
SEx falls below its
regulated level, the LM3464/64A increases the gate voltage
of the corresponding MOSFET (V
GDx) in order to maintain
current regulation. Thus, the requirement for LED open circuit
is V
SEx below 30mV and internal gate voltage reaches its
maximum (at V
GDx about 5V). When the requirement of LED
open fault is fulfilled, the LM3464/64A begins to charge up the
C
FLT. When the voltage of the FAULT_CAP reaches 3V, and
the condition of open fault retains, an open fault is confirmed.
After an open fault is confirmed, the failed channel(s) will be
disabled and excluded from DHC loop. To reactivate the dis-
abled channel(s), the EN pin can be pulled to GND for a soft
reset or re-power the primary power supply for a system reset.
Either reset methods results in a system restart with startup
sequence shows in Figure 3.
SHORT CIRCUIT OF LED STRINGS
If any LED string experiences partially short circuit after nor-
mal system startup, the drain voltage (DRx) of the corre-
sponding channel(s) will increase so as to maintain correct
current regulation. When drain voltage increases up to 8.4V
higher than the drain voltages of any other channels, the
shortened channel will be latched off and excluded from the
DHC loop to avoid further damages. Once a short fault is
confirmed, the Faultb pin will be pulled low no matter it is due
to failure of the power source or shortening of LED strings.
When a short circuit of LED sting is confirmed, the failed
channel(s) will be disabled and excluded from DHC loop. The
disabled channels can be reactivated by either pulling the EN
pin to GND or system re-powering.
DRx PIN OVER-VOLTAGE PROTECTION
The LM3464/64A features a over-voltage protection function
that prevents damaging of the external MOSFETs due to
short circuit of LED string(s). When the voltage of any DRx
pin reaches 19V typical, the fault detection timer is triggered
with the output current of the FAULT_CAP pin increases by
4 times (I
FAULT-CAP-OVP) and results in fault detection time 4
times shorter. If a over-voltage of any DRx pin is confirmed,
the particular channel will be latched off and excluded from
DHC loop until the EN pin is pulled low (soft reset) or system
re-powering is undertaken.
DRIVING LESS THAN FOUR LED STRINGS
The LM3464/64A allows users to disable the unused output
channels. Any output channel without a LED string connected
or with DRx and SEx pins floating will be disabled at system
startup. A disabled channel will be excluded from the DHC
loop and will not contribute headroom control signal to the
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com