Electronic Components Datasheet Search
  English  ▼

X  

LA8608 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA8608
Description  1.8 V Low-Voltage Narrowband FM-IF System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8608 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA8608 Datasheet HTML 6Page - Sanyo Semicon Device LA8608 Datasheet HTML 7Page - Sanyo Semicon Device LA8608 Datasheet HTML 8Page - Sanyo Semicon Device LA8608 Datasheet HTML 9Page - Sanyo Semicon Device LA8608 Datasheet HTML 10Page - Sanyo Semicon Device LA8608 Datasheet HTML 11Page - Sanyo Semicon Device LA8608 Datasheet HTML 12Page - Sanyo Semicon Device LA8608 Datasheet HTML 13Page - Sanyo Semicon Device LA8608 Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
S curve output temperature characteristics (1)
Non-modulation
Using YD0051 (Mitsumi)
Detuning frequency,
∆f – kHz
S curve output temperature characteristics (2)
Non-modulation
Using CDBM455C7
(Murata)
Detuning frequency
∆ f — kHz
When using coil
(Mitsumi)
Input voltage, VIN — dBµ
Supply voltage, VCC —V
Dct-OUT — VIN
Iosc — VCC
Ambient temperature, Ta — °C
used
THD: 400 to 30 kHz
BPF used
Ambient temperature, Ta — °C
Schmitt off
Schmitt on
S/N at Vin = 20 dBµ
Ambient temperature, Ta — °C
IOSC —Ta
Vo,THD—Ta
LA8608V
No.4077 - 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com