Electronic Components Datasheet Search
  English  ▼

X  

LA8608 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA8608
Description  1.8 V Low-Voltage Narrowband FM-IF System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8608 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA8608 Datasheet HTML 1Page - Sanyo Semicon Device LA8608 Datasheet HTML 2Page - Sanyo Semicon Device LA8608 Datasheet HTML 3Page - Sanyo Semicon Device LA8608 Datasheet HTML 4Page - Sanyo Semicon Device LA8608 Datasheet HTML 5Page - Sanyo Semicon Device LA8608 Datasheet HTML 6Page - Sanyo Semicon Device LA8608 Datasheet HTML 7Page - Sanyo Semicon Device LA8608 Datasheet HTML 8Page - Sanyo Semicon Device LA8608 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Operating Characteristics at Ta=25 °C, VCC =3 V, fC = 21.7 MHz, fmod = 1 kHz, dev = ±3 kHz
Parameter
Symbol
Output
min
typ
max
Unit
Quiescent current
Icco
No input
2.8
3.8
mA
–3 dB limiting sensitivity
–3dBL.S.
–3 dB
5
11
dBµ
Demodulation output
VO
Vin = 80 dBµ
115
170
230
mVrms
S/N ratio
S/N(1)
Vin = 80 dBµ, Non-modulation
54
60
dB
S/N(2)
Vin = 20 dBµ, Non-modulation
20
25
dB
AM rejection ratio
AMR
Vin = 80 dBµ, AM 30% modulation
30
40
dB
Total harmonic distortion
THD
Vin = 80 dBµ
0.7
2.0
%
Noise detection output
VND(1)
Vin = 10 dBµ, VCC = 2.1 V
1.9
V
VND(2)
Vin = 10 dBµ, VCC = 3.0 V
1.6
2.2
2.8
V
VND(3)
Vin = 10 dBµ, VCC = 5.0 V
2.3
V
VND(4)
Vin = 30 dBµ
0
0.1
V
Schmitt trigger level
SH
12
20
27
dBµ
Schmitt hysteresis
SHhy
1
dB
Schmitt output level
VSH(1)
Vin = 13 dBµ
0.5
V
VSH(2)
Vin = 26 dBµ
2.8
V
Signal meter output
VSM(1)
Vin = 5 dBµ
0.1
0.3
V
VSM(2)
Vin = 50 dBµ
0.8
1.1
1.4
V
VSM(3)
Vin = 80 dBµ
1.3
1.6
2.0
V
Comparator output
VCOMP(1)
V9 = 1.5 V
2.8
V
VCOMP(2)
V9 = 0.9 V
0.5
V
Mixer conversion gain
GM
20
dB
Mixer input frequency
90
MHz
Mixer input resistance
3.6
k
Ω
Mixer output resistance
1.8
k
Ω
IF input resistance
1.8
k
Ω
FM detection output impedance
2.4
k
Ω
LA8608V
No.4077 - 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com