Electronic Components Datasheet Search
  English  ▼

X  

SB370 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SB370
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB370 Datasheet(HTML) 2 Page - Diodes Incorporated

  SB370 Datasheet HTML 1Page - Diodes Incorporated SB370 Datasheet HTML 2Page - Diodes Incorporated SB370 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB370 - SB3100
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
100
0
20
40
60
80
100
120
140
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = 100 C
j
°
T = 75 C
j
°
T = 25 C
j
°
100
10
1.0
0.1
0.01
1,000
0
0.5
1.0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Forward Current Derating Curve
A
°
1.5
2.0
2.5
3.0
10
100
1,000
0.1
110
100
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
T = 25 C
f=1.0MHz
j
°
0
16
32
48
64
80
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 5 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
T = 100 C
j
°
SB370 - SB3100
Document number: DS30134 Rev. 3 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com