Electronic Components Datasheet Search
  English  ▼

X  

SB370 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SB370
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB370 Datasheet(HTML) 3 Page - Diodes Incorporated

  SB370 Datasheet HTML 1Page - Diodes Incorporated SB370 Datasheet HTML 2Page - Diodes Incorporated SB370 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB370 - SB3100
Ordering Information (Note 4)
SB370 - SB3100
Document number: DS30134 Rev. 3 - 2
3 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Part Number
Case
Packaging
SB370-B
DO-201AD
500/Bulk
SB370-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SB380-B
DO-201AD
500/Bulk
SB380-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SB390-B
DO-201AD
500/Bulk
SB390-T
DO-201AD
1.2K/Tape & Reel, 13-inch
SB3100-B
DO-201AD
500/Bulk
SB3100-T
DO-201AD
1.2K/Tape & Reel, 13-inch
Notes:
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Package Outline Dimensions
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DO-201AD
Dim
Min
Max
A
25.40
⎯
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com