Electronic Components Datasheet Search
  English  ▼

X  

VR-60BP Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # VR-60BP
Description  Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

VR-60BP Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  VR-60BP Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd VR-60BP Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.shindengen.co.jp/product/semi/
*Sine wave は 50Hz で測定しています。
*50Hz sine wave is used for measurements.
*半導体製品の特性は一般的にバラツキを持っております。
  Typical は統計的な実力を表しています。
*Semiconductor products generally have characterristic variation.
  Typical a statistical average of the devices ability.
■特性図 CHARACTERISTIC DIAGRAMS
65
(U181)
VR-60BP(A)
AX06 Package



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com