Electronic Components Datasheet Search
  English  ▼

X  

VR-60BP Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # VR-60BP
Description  Varistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

VR-60BP Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  VR-60BP Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd VR-60BP Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■外形寸法図 OUTLINE DIMENSIONS
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照
下さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the
Semiconductor Short Form Catalog. As for the marking, refer to
the specification “Marking,Terminal Connection.”
■定格表 RATINGS
www.shindengen.co.jp/product/semi/
64 (U181)
熱抵抗
Thermal Resistance
θ ja
接合部・周囲間
Junction to ambient
ガラス・エポキシ基板
glass・epoxy substrate
MAX 156
℃ /W
●電気的特性 Tl=25℃ Electrical Characteristics Tl=25℃(指定のない場合 T1=25℃/unless otherwise specified)
●絶対最大定格 Absolute Maximum Ratings(指定のない場合 T1=25℃/unless otherwise specified)
VR-60BP(A)
項  目
Item
記号
Symbol
条件
Conditions
規格値
Ratings
単位
Unit
保存温度
Storage Temperature
Tstg
-30~125
℃
接合部温度
Junction Temperature
Tj
125
℃
出力電流
Average Rectified Forward Current
Io
50Hz 正弦波 , 抵抗負荷 , Ta=40℃
50Hz sine wave,Resistance load, Ta=40℃
0.5
Arms
せん頭サージ順電流
Peak Surge Forward Current
IFSM
50Hz, 正弦波 , 非繰り返し ,1 サイクル Tj=25℃
50Hz,sine wave,Non-repetitive,1cycle, Tj=25℃
16
Arms
順電圧
Forward Voltage
VF
IF=1mA
パルス測定
Pulse measurement
MIN 0.550
MAX 0.617
V
IF=1.0A
MAX 1.50
逆電流
Reverse Current
IR
V=0.2V
MAX 20
μ A
27.5±2
27.5±2
5−0
+0.5
●捺印面展開図
単位:mm
Package : AX06
φ2.6±0.1
60 98
バリスタ
挿入品(THD)
Varistor


Similar Part No. - VR-60BP

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR-60B SHINDENGEN-VR-60B Datasheet
325Kb / 2P
Varistor
More results

Similar Description - VR-60BP

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com