Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5248BTS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5248BTS
Description  TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5248BTS Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5248BTS Datasheet HTML 1Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 2Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 3Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBZ5221BTS - MMBZ5259BTS
Document number: DS30184 Rev. 12 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
MMBZ5221BTS - MMBZ5259BTS
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage Range (Note 6)
Maximum Zener
Impedance (Note 2)
Maximum Reverse
Leakage Current (Note 6)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Type
Number
Marking
Code
Nom (V)
Min (V)
Max (V)
mA
Ω
μA
V
MMBZ5221BTS
KSB
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BTS
KSC
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BTS
KSD
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BTS
KSE
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BTS
KSF
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BTS
KSG
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BTS
KSH
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BTS
KS1
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BTS
KS2
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BTS
KS3
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233BTS
KRF
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234BTS
KS4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235BTS
KS5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236BTS
KS6
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237BTS
KS7
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238BTS
KRG
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239BTS
KS8
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BTS
KS9
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BTS
KR1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BTS
KR2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BTS
KR3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BTS
KR4
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BTS
KR5
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BTS
KR6
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BTS
KR7
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BTS
KR8
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BTS
KR9
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BTS
KRA
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BTS
KRH
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BTS
KRB
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BTS
KRC
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BTS
KRD
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BTS
KRE
39
37.05
40.95
3.2
80
800
0.1
30
Notes:
6. f = 1KHz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com