Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5248BTS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBZ5248BTS
Description  TRIPLE SURFACE MOUNT ZENER DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5248BTS Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ5248BTS Datasheet HTML 1Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 2Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 3Page - Diodes Incorporated MMBZ5248BTS Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBZ5221BTS - MMBZ5259BTS
MMBZ5221BTS - MMBZ5259BTS
Document number: DS30184 Rev. 12 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
1
10
100
1,000
110
100
V , NOMINAL ZENER VOLTAGE (V)
Fig. 2 Typical Total Capacitance vs. Nominal Zener Voltage
Z
0V BIAS
1
10
100
1,000
110
10
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Impedance Characteristics
Z
0
1
100
1
10
100
PULSE WIDTH (ms)
Fig. 4 Maximum Non-repetitive Surge Power
1,000
10
Ordering Information (Note 7)
Device
Packaging
Shipping
(Type Number)-7-F*
SOT-363
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Electrical Characteristics Table, example: 6.2V Zener = MMBZ5234BTS-7-F.
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Kxx
Kxx = Product Type Marking Code
(See Electrical Characteristic Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2111
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com