Electronic Components Datasheet Search
  English  ▼

X  

CTA2N1P Datasheet(PDF) 5 Page - Diodes Incorporated

Part # CTA2N1P
Description  COMPLEX TRANSISTOR ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2N1P Datasheet(HTML) 5 Page - Diodes Incorporated

  CTA2N1P Datasheet HTML 1Page - Diodes Incorporated CTA2N1P Datasheet HTML 2Page - Diodes Incorporated CTA2N1P Datasheet HTML 3Page - Diodes Incorporated CTA2N1P Datasheet HTML 4Page - Diodes Incorporated CTA2N1P Datasheet HTML 5Page - Diodes Incorporated CTA2N1P Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DS30295 Rev. 7 - 2
5 of 6
www.diodes.com
CTA2N1P
© Diodes Incorporated
BSS84 Section
0
600
500
400
300
200
100
02
15
4
3
V
, DRAIN-TO-SOURCE VOLTAGE (V)
Fig. 8 Drain-Source Current vs.
Drain-Source Voltage
DS
-0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0-2
-3
-4
-1
-8
-7
-6
-5
V
, GATE-TO-SOURCE VOLTAGE (V)
Fig. 9 Drain Current vs. Gate Source Voltage
GS
0
1
2
4
5
3
6
8
7
10
9
0
12
3
4
5
V
, GATE-TO-SOURCE VOLTAGE (V)
Fig. 10 On-Resistance vs. Gate-Source Voltage
GS
T = 25 C
A
°
T = 125 C
A
°
0
3
6
9
12
15
-50
-25
0
25
50
125
100
75
150
T , JUNCTION TEMPERATURE (°C)
Fig. 11 On-Resistance vs. Junction Temperature
J
V
= -10V
I = -0.13A
GS
D
0.0
5.0
10.0
-0.0
-0.2
-0.4
-0.6
-0.8
1.0
I , DRAIN CURRENT (A)
Fig. 12, On-Resistance vs. Drain Current
D
15.0
20.0
25.0
V
= -8V
GS
V
= -10V
GS
V
= -3V
GS
V
= -3.5V
GS
V
= -4V
GS
V
= -4.5V
GS
V
= -6V
GS
V
= -5V
GS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com