Electronic Components Datasheet Search
  English  ▼

X  

2N7002T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2N7002T
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002T Datasheet(HTML) 3 Page - Diodes Incorporated

  2N7002T Datasheet HTML 1Page - Diodes Incorporated 2N7002T Datasheet HTML 2Page - Diodes Incorporated 2N7002T Datasheet HTML 3Page - Diodes Incorporated 2N7002T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N7002T
Document number: DS30301 Rev. 11 - 2
3 of 4
www.diodes.com
March 2009
© Diodes Incorporated
2N7002T
0
10
20
30
50
40
60
05
10
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 5 Typical Capacitance
DS
Ciss
C
oss
Crss
0.0
1.0
0.5
2.0
3.0
2.5
1.5
4.5
4.0
3.5
5.0
02
4
6
8
10
V
, GATE-SOURCE VOLTAGE (V)
Fig. 6 On-Resistance vs. Gate-Source Voltage
GS
I = 50mA
D
Ordering Information (Note 6)
Part Number
Case
Packaging
2N7002T-7-F
SOT-523
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2005
2006
2007
2008
2009
2010
2011
2012
Code
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
⎯
⎯
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
0°
8°
⎯
All Dimensions in mm
72 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
72
YM
A
M
J
L
D
B C
H
K
G
N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com