Electronic Components Datasheet Search
  English  ▼

X  

C57701801 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # C57701801
Description  C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C57701801 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  C57701801 Datasheet HTML 1Page - General Cable Technologies Corporation C57701801 Datasheet HTML 2Page - General Cable Technologies Corporation C57701801 Datasheet HTML 3Page - General Cable Technologies Corporation C57701801 Datasheet HTML 4Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Nominal Capacitance (pF/ft):
16.00
Nominal Capacitance (pF/m):
52.50
Velocity of Propagation %:
78
Nominal Impedance Ohm:
80
Nominal Attenuation MHz/dB
1000/9.40
per 100 ft:
50/2.30
100/3.30
200/4.10
1/0.50
10/1.00
500/6.50
Standard Packaging:
500' Spool
Standard Package Quantity:
1
UPC #:
079407740017
Put-up:
500
SCC-14:
50079407740011
Cube:
847.44
Weight Per Unit of Measure:
.02
ColorOption:
Black
Product Information:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com