Electronic Components Datasheet Search
  English  ▼

X  

C57701801 Datasheet(PDF) 3 Page - General Cable Technologies Corporation

Part # C57701801
Description  C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C57701801 Datasheet(HTML) 3 Page - General Cable Technologies Corporation

  C57701801 Datasheet HTML 1Page - General Cable Technologies Corporation C57701801 Datasheet HTML 2Page - General Cable Technologies Corporation C57701801 Datasheet HTML 3Page - General Cable Technologies Corporation C57701801 Datasheet HTML 4Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Applications:
CATV
Citizen band radio
Drop cable
Local Area Network (LAN)
MATV
Monitor/VDT Display
Suitable for RF signal transmission
Compliances:
NEC CL2, CATV, CM, CEC CM
NEC/CEC Type CMG (CSA: 80ºC, 300V)
Packaging:
1000 foot (305 m) Pull-Pac ® Cartons
1000' (305 m) Reels
500' (152 m) Spools
Other put-ups available- consult Customer Service
Technical Specifications
4' Electrical Wire Center
Unit Conversion Factors
Cable Design Equations - Balanced Pair
Insulation and Jacket Properties
Temperature Conversion Chart
Decimal and Unit Conversion Factors
Cable Design Equations - Braid Shield
AWG Conductor Chart
Conduit Capacity Chart
Cable Design Equations - Coaxial Cable
Engineering Prefixes
Coax Connector Cross Reference
Glossary



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com