Electronic Components Datasheet Search
  English  ▼

X  

AD7467 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7467
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7467 Datasheet HTML 2Page - Analog Devices AD7467 Datasheet HTML 3Page - Analog Devices AD7467 Datasheet HTML 4Page - Analog Devices AD7467 Datasheet HTML 5Page - Analog Devices AD7467 Datasheet HTML 6Page - Analog Devices AD7467 Datasheet HTML 7Page - Analog Devices AD7467 Datasheet HTML 8Page - Analog Devices AD7467 Datasheet HTML 9Page - Analog Devices AD7467 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 6 of 28
Parameter
B Version
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
1.6/3.6
V min/max
IDD
Digital inputs = 0 V or VDD
Normal Mode (Operational)
210
μA max
VDD = 3 V, fSAMPLE = 100 kSPS
170
μA max
VDD = 2.5 V, fSAMPLE = 100 kSPS
140
μA max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.1
μA max
SCLK on or off, typically 8 nA
Power Dissipation
See the Power Consumption section
Normal Mode (Operational)
0.63
mW max
VDD = 3 V, fSAMPLE = 100 kSPS
0.42
mW max
VDD = 2.5 V, fSAMPLE = 100 kSPS
0.25
mW max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.3
μW max
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com