Electronic Components Datasheet Search
  English  ▼

X  

AD7467 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7467
Description  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7467 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7467 Datasheet HTML 13Page - Analog Devices AD7467 Datasheet HTML 14Page - Analog Devices AD7467 Datasheet HTML 15Page - Analog Devices AD7467 Datasheet HTML 16Page - Analog Devices AD7467 Datasheet HTML 17Page - Analog Devices AD7467 Datasheet HTML 18Page - Analog Devices AD7467 Datasheet HTML 19Page - Analog Devices AD7467 Datasheet HTML 20Page - Analog Devices AD7467 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 17 of 28
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7466/AD7467/AD7468 are fast, micropower, 12-bit,
10-bit, and 8-bit ADCs, respectively. The parts can be operated
from a 1.6 V to 3.6 V supply. When operated from any supply
voltage within this range, the AD7466/AD7467/AD7468 are
capable of throughput rates of 200 kSPS when provided with a
3.4 MHz clock.
The AD7466/AD7467/AD7468 provide the user with an on-
chip track-and-hold, an ADC, and a serial interface housed in a
tiny 6-lead SOT-23 or an 8-lead MSOP package, which offer the
user considerable space-saving advantages over alternative
solutions. The serial clock input accesses data from the part, but
also provides the clock source for the successive approximation
ADC. The analog input range is 0 V to VDD. An external refer-
ence is not required for the ADC, and there is no on-chip
reference. The reference for the AD7466/AD7467/AD7468 is
derived from the power supply, thus giving the widest possible
dynamic input range.
The AD7466/AD7467/AD7468 also feature an automatic
power-down mode to allow power savings between conversions.
The power-down feature is implemented across the standard
serial interface, as described in the Normal Mode section.
CONVERTER OPERATION
The AD7466/AD7467/AD7468 are successive approximation
analog-to-digital converters based around a charge redistribu-
tion DAC. Figure 19 and Figure 20 show simplified schematics
of the ADC. Figure 19 shows the ADCs during the acquisition
phase. SW2 is closed and SW1 is in Position A, the comparator
is held in a balanced condition, and the sampling capacitor
acquires the signal on VIN.
SW2
SAMPLING
CAPACITOR
ACQUISITION
PHASE
COMPARATOR
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
SW1
A
B
AGND
VIN
VDD/2
Figure 19. ADC Acquisition Phase
When the ADC starts a conversion, as shown in Figure 20,
SW2 opens and SW1 moves to Position B, causing the com-
parator to become unbalanced. The control logic and the
charge redistribution DAC are used to add and subtract fixed
amounts of charge from the sampling capacitor to bring the
comparator back into a balanced condition. When the com-
parator is rebalanced, the conversion is complete. The control
logic generates the ADC output code. Figure 21 shows the ADC
transfer function.
SAMPLING
CAPACITOR
COMPARATOR
VIN
SW2
CONVERSION
PHASE
SW1
A
B
AGND
VDD/2
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 20. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7466/AD7467/AD7468 is straight
binary. The designed code transitions occur at successive
integer LSB values; that is, 1 LSB, 2 LSB, and so on. The LSB size
for the devices is as follows:
VDD/4096 for the AD7466
VDD/1024 for the AD7467
VDD/256 for the AD7468
The ideal transfer characteristics for the devices are shown in
Figure 21.
111...111
111...110
111...000
011...111
+VDD – 1LSB
0V 1LSB
ANALOG INPUT
1LSB = VDD/4096 (AD7466)
1LSB = VDD/1024 (AD7467)
1LSB = VDD/256 (AD7468)
000...010
000...001
000...000
Figure 21. AD7466/AD7467/AD7468 Transfer Characteristics
TYPICAL CONNECTION DIAGRAM
Figure 22 shows a typical connection diagram for the devices.
VREF is taken internally from VDD and, therefore, VDD should
be well decoupled. This provides an analog input range of
0 V to VDD.
AD7466
SCLK
SDATA
VIN
GND
0V TO VDD
INPUT
VDD
0.1
μF
10
μF
μC/μP
0.1
μF
1
μF
TANT
REF192
240
μA
680nF
2.5V
5V
SUPPLY
SERIAL
INTERFACE
CS
Figure 22. REF192 as Power Supply to AD7466



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com