Electronic Components Datasheet Search
  English  ▼

X  

L6460 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 80Page - STMicroelectronics L6460 Datasheet HTML 81Page - STMicroelectronics L6460 Datasheet HTML 82Page - STMicroelectronics L6460 Datasheet HTML 83Page - STMicroelectronics L6460 Datasheet HTML 84Page - STMicroelectronics L6460 Datasheet HTML 85Page - STMicroelectronics L6460 Datasheet HTML 86Page - STMicroelectronics L6460 Datasheet HTML 87Page - STMicroelectronics L6460 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 139 page
background image
AD converter
L6460
84/139
Doc ID 17713 Rev 1
15.1
Voltage divider specifications
As can be seen in the A2D block diagram, in order to report some voltages in the A2D
working range, they are scaled with a resistor divider before the conversion.
Here below are reported the resistor voltage divider specifications:
Table 34.
Voltage divider specification
Parameter
Description
Notes
Min
Typ
Max
Unit
RSupply_ratio
VSupply divider ratio
-
1/15
-
RSupplyInt_ratio VSupply Int divider ratio
-
1/15
-
RV3V3_ratio
V3v3 divider ratio
-
1/2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More