Electronic Components Datasheet Search
  English  ▼

X  

L6460 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 43Page - STMicroelectronics L6460 Datasheet HTML 44Page - STMicroelectronics L6460 Datasheet HTML 45Page - STMicroelectronics L6460 Datasheet HTML 46Page - STMicroelectronics L6460 Datasheet HTML 47Page - STMicroelectronics L6460 Datasheet HTML 48Page - STMicroelectronics L6460 Datasheet HTML 49Page - STMicroelectronics L6460 Datasheet HTML 50Page - STMicroelectronics L6460 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 139 page
background image
L6460
Power saving modes
Doc ID 17713 Rev 1
47/139
If L6460 is not configured as slave device a current source IOUT will be active on this pin,
while the current sink IINP will be disabled. If L6460 is configured as a Slave device, the
current sink IINP will be active until nAWAKE pin is detected high for the first time; after that
both current sources IINP and IOUT will be disabled and the nAWAKE pin can be considered
as a digital input.
Here below is reported the nAWAKE pin simplified schematic.
Figure 8.
nAWAKE function block diagram
V3v3
IOUT
AWAKE_req
AWAKE
SlaveMode
nAWAKE seen high
for the first time after
start up.
IINP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More