Electronic Components Datasheet Search
  English  ▼

X  

DMMT5401 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMMT5401
Description  MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMMT5401 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMMT5401 Datasheet HTML 1Page - Diodes Incorporated DMMT5401 Datasheet HTML 2Page - Diodes Incorporated DMMT5401 Datasheet HTML 3Page - Diodes Incorporated DMMT5401 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Base Emitter Voltage vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
V
= 5V
CE
1
10
100
1,000
10,000
1
10
100
1,000
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
10
100
1,000
1
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 5, Gain Bandwidth Product vs. Collector Current
C
V
= 10V
CE
Ordering Information (Note 6 & 9 )
Device
Packaging
Shipping
DMMT5401-7-F
SOT-26
3000/Tape & Reel
Notes:
9. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K4S
K4S = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
DS30437 Rev. 6 - 2
3 of 4
www.diodes.com
DMMT5401
© Diodes Incorporated
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com