Electronic Components Datasheet Search
  English  ▼

X  

PDU420 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDU420
Description  4A ULTRA-FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU420 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDU420 Datasheet HTML 1Page - Diodes Incorporated PDU420 Datasheet HTML 2Page - Diodes Incorporated PDU420 Datasheet HTML 3Page - Diodes Incorporated PDU420 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e3
DS30549 Rev. 7 - 2
1 of 4
PDU420
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDU420
4A ULTRA-FAST RECOVERY RECTIFIER
PowerDI ä5
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Average Rectified Output Current (See also figure 4)
IO
4
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
125
A
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
3.0
°
C/W
Thermal Resistance Junction to Ambient Air (Note 2)
TA = 25°C
RqJA
85
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 3)
TA = 25°C
RqJA
60
¾
°
C/W
Thermal Resistance Junction to Ambient Air (Note 4)
TA = 25°C
RqJA
40
¾
°
C/W
Operating Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
·
Case: PowerDI
ä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram on Page 4
·
Marking: See Page 3
·
Ordering Information: See Page 3
·
Weight: 0.096 grams (approximate)
·
Glass Passivated Die Construction
·
Ultra-Fast Recovery Time for High Efficiency
·
High Maximum Junction Temperature
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
Thermal Characteristics
TOP VIEW
BOTTOM VIEW
Features
Mechanical Data


Similar Part No. - PDU420

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU420 DIODES-PDU420 Datasheet
133Kb / 4P
4A ULTRA-FAST RECOVERY RECTIFIER
DS30549 Rev. 6 - 2
PDU420-13 DIODES-PDU420-13 Datasheet
133Kb / 4P
4A ULTRA-FAST RECOVERY RECTIFIER
DS30549 Rev. 6 - 2
PDU420 DIODES-PDU420_15 Datasheet
532Kb / 4P
4A ULTRA-FAST RECOVERY RECTIFIER PowerDI 채5
Rev erse
More results

Similar Description - PDU420

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU420 DIODES-PDU420 Datasheet
133Kb / 4P
4A ULTRA-FAST RECOVERY RECTIFIER
DS30549 Rev. 6 - 2
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU420 DIODES-PDU420_15 Datasheet
532Kb / 4P
4A ULTRA-FAST RECOVERY RECTIFIER PowerDI 채5
Rev erse
logo
Frontier Electronics.
MUR405 FRONTIER-MUR405_16 Datasheet
901Kb / 2P
4A ULTRA FAST RECTIFIER
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
4A, 200V - 600V Ultra Fast Rectifier
logo
DONGGUAN YOU FENG WEI E...
MSB403E YFWDIODE-MSB403E Datasheet
293Kb / 3P
4A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com