Electronic Components Datasheet Search
  English  ▼

X  

PDU420 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDU420
Description  4A ULTRA-FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU420 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDU420 Datasheet HTML 1Page - Diodes Incorporated PDU420 Datasheet HTML 2Page - Diodes Incorporated PDU420 Datasheet HTML 3Page - Diodes Incorporated PDU420 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30549 Rev. 7 - 2
2 of 4
PDU420
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
1m
10m
100m
0
0.2
0.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
1
10
100
0.6
0.8
1
1.2
1.4
T = 175°C
j
T = -65°C
j
T = 150°C
j
T = 25°C
j
T = 85°C
j
T = 125°C
j
0
50
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
1
0.001
0.01
0.1
10
100
100
150
200
T = -65°C
j
T = 25°C
j
T = 85°C
j
T = 125°C
j
T = 175°C
j
T = 150°C
j
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Total Capacitance
0
100
150
50
200
300
250
0
10
5
15
20
25
30
f = 1MHz
0
1
2
3
5
4
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 DC Forward Current Derating
Note 3
Note 2
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Test Condition
Minimum Reverse Breakdown Voltage (Note 5)
V(BR)R
200
V
IR = 5mA
Maximum Forward Voltage
VFM
0.875
0.71
0.89
0.85
0.72
1.25
V
IF = 3A, TS = 25°C
IF = 3A, TS = 150°C
IF = 4A, TS = 25°C
IF = 4A, TS = 100°C
IF = 4A, TS = 150°C
IF = 12A, TS = 25°C
Maximum Reverse Leakage Current (Note 5)
IRM
5
150
m
A
TS = 25°C, VR = 200V
TS = 150°C, VR = 200V
Maximum Reverse Recovery Time
trr
25
ns
IF = 0.5A, IR = 1.0A
IRR = 0.25A (See figure 7)
Notes:
5. Short duration test pulse used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com