Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA48
Description  Microcontroller with 8K Bytes In-System Programmable Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 7Page - ATMEL Corporation ATMEGA48 Datasheet HTML 8Page - ATMEL Corporation ATMEGA48 Datasheet HTML 9Page - ATMEL Corporation ATMEGA48 Datasheet HTML 10Page - ATMEL Corporation ATMEGA48 Datasheet HTML 11Page - ATMEL Corporation ATMEGA48 Datasheet HTML 12Page - ATMEL Corporation ATMEGA48 Datasheet HTML 13Page - ATMEL Corporation ATMEGA48 Datasheet HTML 14Page - ATMEL Corporation ATMEGA48 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
7607H–AVR–02/10
ATmega88/168 Automotive
Figure 2-16. Calibrated 8 MHz RC Oscillator Frequency versus Temperature
Figure 2-17. Calibrated 8 MHz RC Oscillator Frequency versus V
CC
Figure 2-18. Calibrated 8 MHz RC Oscillator Frequency versus OSCCAL Value
3.0V
2.7V
3.3V
4.5V
5.0V
5.5V
8.2
8.1
8.4
8.3
8.0
7.9
7.8
7.7
7.6
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
-40
Temperature
8.2
8.1
8.4
8.3
8.0
7.9
7.8
7.7
7.6
6
5
4.5
5.5
2
3
2.5
4
3.5
VCC (V)
125°C
25°C
85°C
-40°C
150°C
12
10
16
14
8
6
4
2
192
176
256
240
224
208
112
96
80
160
144
128
64
48
32
16
0
0
OSCCAL (X1)
-40°C
150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com