Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATMEGA48
Description  Microcontroller with 8K Bytes In-System Programmable Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 9Page - ATMEL Corporation ATMEGA48 Datasheet HTML 10Page - ATMEL Corporation ATMEGA48 Datasheet HTML 11Page - ATMEL Corporation ATMEGA48 Datasheet HTML 12Page - ATMEL Corporation ATMEGA48 Datasheet HTML 13Page - ATMEL Corporation ATMEGA48 Datasheet HTML 14Page - ATMEL Corporation ATMEGA48 Datasheet HTML 15Page - ATMEL Corporation ATMEGA48 Datasheet HTML 16Page - ATMEL Corporation ATMEGA48 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
7607H–AVR–02/10
ATmega88/168 Automotive
2.7
Peripheral Units
Figure 2-22. Analog to Digital Converter GAIN versus V
CC
Figure 2-23. Analog to Digital Converter OFFSET versus V
CC
Figure 2-24. Analog to Digital Converter DNL versus V
CC
4 STD
4 IDL
-2.5
-2.0
-1.5
-1.0
-0.5
0
0
100
75
150
125
50
25
-25
-50
Temperature
4 STD
4 IDL
0.5
0
1.0
1.5
2.0
2.5
0
100
75
150
125
50
25
-25
-50
Temperature
4 STD
4 IDL
0.8
0.7
1.0
0.9
0.6
0.5
0.4
0.3
0.2
0.1
0
0
100
75
150
125
50
25
-25
-50
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com