Electronic Components Datasheet Search
  English  ▼

X  

DMN2004VK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2004VK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004VK Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2004VK Datasheet HTML 1Page - Diodes Incorporated DMN2004VK Datasheet HTML 2Page - Diodes Incorporated DMN2004VK Datasheet HTML 3Page - Diodes Incorporated DMN2004VK Datasheet HTML 4Page - Diodes Incorporated DMN2004VK Datasheet HTML 5Page - Diodes Incorporated DMN2004VK Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN2004VK
Document number: DS30865 Rev. 4 - 2
3 of 6
www.diodes.com
July 2010
© Diodes Incorporated
DMN2004VK
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage vs. Channel Temperature
ch
0.1
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance vs. Drain Current
D,
1
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
D
V
= 5V
Pulsed
GS
T = 150 C
A
°
T = -55 C
A
°
T = -25 C
A
°
T = 0 C
A
°
T = 25 C
A
°
T = 125 C
A
°
T = 85 C
A
°
6
I , DRAIN CURRENT (A)
Fig. 7
D
On-Resistance vs. Drain Current and Gate Voltage
T , JUNCTION TEMPERATURE ( C)
Fig. 8
j
°
Static Drain-Source, On-Resistance vs. Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com