Electronic Components Datasheet Search
  English  ▼

X  

LB1665 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1665
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1665 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1665 Datasheet HTML 1Page - Sanyo Semicon Device LB1665 Datasheet HTML 2Page - Sanyo Semicon Device LB1665 Datasheet HTML 3Page - Sanyo Semicon Device LB1665 Datasheet HTML 4Page - Sanyo Semicon Device LB1665 Datasheet HTML 5Page - Sanyo Semicon Device LB1665 Datasheet HTML 6Page - Sanyo Semicon Device LB1665 Datasheet HTML 7Page - Sanyo Semicon Device LB1665 Datasheet HTML 8Page - Sanyo Semicon Device LB1665 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Equivalent Circuit Block Diagram and Sample Application Circuit
[LB1660N]
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output supply voltage
VO max
Internal
V
Maximum output current
IO max
1.5
A
Output negative current
IOM
t
% 20 µs
−50
mA
RD flow-in current
IRD
5mA
RD supply voltage
VRD
30
V
Allowable power dissipation
Pd max
1.2
W
Operating temperature
Topr
−30 to +80
°C
Storage temperature
Tstg
−55 to +125
°C
Allowable Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
7.0 to 50.0
mA
Common-mode input voltage range
VICM
0toVIN-1.5
V
The LB1661, LB1665 have no output stage protect zener diode.
LB1660N, 1661, 1664N, 1665
No.2551-3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com