Electronic Components Datasheet Search
  English  ▼

X  

LB1665 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1665
Description  2-Phase Unipolar Brushless Motor Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1665 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1665 Datasheet HTML 1Page - Sanyo Semicon Device LB1665 Datasheet HTML 2Page - Sanyo Semicon Device LB1665 Datasheet HTML 3Page - Sanyo Semicon Device LB1665 Datasheet HTML 4Page - Sanyo Semicon Device LB1665 Datasheet HTML 5Page - Sanyo Semicon Device LB1665 Datasheet HTML 6Page - Sanyo Semicon Device LB1665 Datasheet HTML 7Page - Sanyo Semicon Device LB1665 Datasheet HTML 8Page - Sanyo Semicon Device LB1665 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Output limit voltage
VOLM
IO = 1.0 A
56
59
63
V
Output saturation voltage
VO (sat)1
IO = 0.5 A
0.95
1.20
V
VO (sat)2
IO = 1.0 A
1.15
1.50
V
VO (sat)3
IO = 1.5 A
1.40
2.00
V
VIN input voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amp input offset voltage
Voff
−7
0
+7
mV
Amp input bias current
IBA
−250
nA
RD output saturation voltage
VRD (sat)
IRD = 5 mA
0.5
V
Comparator input bias current
IBC
250
nA
Comparator input threshold
voltage
VTH 1
0.76
0.8VIN
0.84
V
VTH 2
0.56
0.6VIN
0.64
V
[LB1661]
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
% 20 ms
200
mA
Output supply voltage
VO max
−0.3 to +83
V
Maximum output current
IO max
1.5
A
RD flow-in current
IRD
5mA
RD supply voltage
VRD
20
V
Allowable power dissipation
Pd max
1.2
W
Operating temperature
Topr
−30 to +80
°C
Storage temperature
Tstg
−55 to +125
°C
Allowable Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input current range
ICC
7.0 to 50.0
mA
Common-mode input voltage range
VICM
0toVIN−1.5
V
Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Output limit voltage 1
VOsus
IO = 0.1 A, both VOUT 1, 2
65
V
Output limit voltage 2
VOR
IO = 0 A, both VOUT 1, 2
80
V
Output saturation voltage
VO (sat)1
IO = 0.5 A, both VOUT 1, 2
0.95
1.20
V
VO (sat)2
IO = 1.0 A, both VOUT 1, 2
1.15
1.50
V
VO (sat)3
IO = 1.5 A, both VOUT 1, 2
1.40
2.00
V
VIN input voltage
VIN
ICC = 7.0 mA
6.4
6.7
7.0
V
Amp input offset voltage
Voff
−7
0
7
mV
Amp input bias current
IBA
−250
nA
Comparator input bias current
IBC
250
nA
Comparator input threshold
voltage
VTH
0.8VIN
V
LB1660N, 1661, 1664N, 1665
No.2551-4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com