Electronic Components Datasheet Search
  English  ▼

X  

DMP3015LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3015LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3015LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3015LSS Datasheet HTML 1Page - Diodes Incorporated DMP3015LSS Datasheet HTML 2Page - Diodes Incorporated DMP3015LSS Datasheet HTML 3Page - Diodes Incorporated DMP3015LSS Datasheet HTML 4Page - Diodes Incorporated DMP3015LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP3015LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
⎯
⎯
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-1
μA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1
⎯
-2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
9
14
11
17
m
Ω
VGS = -10V, ID = -13A
VGS = -4.5V, ID = -10A
Forward Transconductance
gfs
⎯
15
⎯
S
VDS = -15V, ID = -8A
Diode Forward Voltage (Note 5)
VSD
-0.5
⎯
-1.1
V
VGS = 0V, IS = -2.1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
2748
⎯
pF
Output Capacitance
Coss
⎯
357
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
356
⎯
pF
VDS = -20V, VGS = 0V
f = 1.0MHz
Gate Resistance
RG
⎯
2.0
⎯
Ω
VDS = 0V, VGS = 0V
f = 1.0MHz
SWITCHING CHARACTERISTICS
Total Gate Charge
Qg
⎯
30.0
60.4
⎯
VDS = -10V, VGS = -4.5V, ID = -13A
VDS = -10V, VGS = -10V, ID = -13A
Gate-Source Charge
Qgs
⎯
7.2
⎯
VDS = -10V, VGS = -10V, ID = -13A
Gate-Drain Charge
Qgd
⎯
16.4
⎯
nC
VDS = -10V, VGS = -10V, ID = -13A
Turn-On Delay Time
td(on)
⎯
11.2
⎯
Rise Time
tr
⎯
12.4
⎯
Turn-Off Delay Time
td(off)
⎯
104.9
⎯
Fall Time
tf
⎯
61.7
⎯
ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0Ω
Notes:
5. Short duration pulse test used to minimize self-heating effect.
V= 2V
GS
V
= 10V
GS
V= 4V
GS
V= 3V
GS
V
= 2.5V
GS
V
=1.5V
GS
T = 85 C
A
°
V
= -5.0V
DS
T = 125 C
A
°
T = 150 C
A
°
T = -55 C
A
°
T = 25 C
A
°
DMP3015LSS
Document number: DS31472 Rev. 4 - 2
2 of 5
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com