Electronic Components Datasheet Search
  English  ▼

X  

DMP3015LSS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP3015LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3015LSS Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3015LSS Datasheet HTML 1Page - Diodes Incorporated DMP3015LSS Datasheet HTML 2Page - Diodes Incorporated DMP3015LSS Datasheet HTML 3Page - Diodes Incorporated DMP3015LSS Datasheet HTML 4Page - Diodes Incorporated DMP3015LSS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP3015LSS
V
= -10V
GS
V
= -4.5V
GS
V
= -4.5V
GS
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V
= -4.5V
I = -5A
GS
D
V
= -10V
I = -10A
GS
D
0
15
25
520
10
10,000
1,000
100
30
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 6 Typical Total Capacitance
DS
Crss
C
iss
C
oss
f = 1MHz
I = -1mA
D
I = -250mA
D
V
= 0V
GS
DMP3015LSS
Document number: DS31472 Rev. 4 - 2
3 of 5
www.diodes.com
October 2008
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com