Electronic Components Datasheet Search
  English  ▼

X  

SD05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SD05
Description  UNI-DIRECTIONAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD05 Datasheet(HTML) 1 Page - Diodes Incorporated

  SD05 Datasheet HTML 1Page - Diodes Incorporated SD05 Datasheet HTML 2Page - Diodes Incorporated SD05 Datasheet HTML 3Page - Diodes Incorporated SD05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD05
Document number: DS31594 Rev. 4 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
SD05
UNI-DIRECTIONAL SURFACE MOUNT TVS
Features
•
350 Watts Peak Pulse Power (tp = 8x20
μs)
•
IEC 61000-4-2 (ESD): Air – 15kV, Contact – 8kV
•
IEC 61000-4-2 (ESD), HBM – 30kV
•
Unidirectional Configuration
•
Lead Free/RoHS Compliant (Note 3)
•
“Green” Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD-323
•
Case Material: Molded Plastic, “Green” Molding Compound,
Note 3. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Ordering Information: See Page 3
•
Marking Information: See Page 3
•
Weight: 0.0089 grams (approximate)
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
(Note 6) TA = 25°C
Ppk
350
W
Thermal Resistance, Junction to Ambient
(Note 6) TA = 25°C
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified (Note 7)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 5)
Max. Clamping
Voltage @ IPP = 5A
(Note 2)
Max. Clamping Voltage
VC @ IPP (Note 2)
Total Max
Capacitance CT
(Note 1)
VRWM (V) Min (V) Max (V)
IT (mA)
IR (μA)
VC (V)
VC (V)
IPP (A)
(pF)
5
6.2
7.3
1.0
10
9.8
14.5
24
350
Notes:
1. VR = 0V, f = 1MHz.
2. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
3. No purposefully added lead.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 PC board with suggested pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Measured across pin 1 and pin 2.
Top View
Device Schematic
12
1 = Cathode
2 = Anode


Similar Part No. - SD05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD05 ONSEMI-SD05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
logo
Littelfuse
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
450W Discrete Unidirectional TVS Diode
More results

Similar Description - SD05

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
VGFM5.0A-FN5 WILLAS-VGFM5.0A-FN5 Datasheet
289Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-5.0V
VGFM11A-FN5 WILLAS-VGFM11A-FN5 Datasheet
291Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-11V
VGFM24A-FN5 WILLAS-VGFM24A-FN5 Datasheet
289Kb / 3P
90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-24V
logo
Diodes Incorporated
SD05-7 DIODES-SD05-7 Datasheet
181Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
Rev erse
logo
Central Semiconductor C...
CMNTVS5V0 CENTRAL-CMNTVS5V0 Datasheet
911Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
CMNTVS12V CENTRAL-CMNTVS12V Datasheet
917Kb / 4P
SURFACE MOUNT SILICON UNI-DIRECTIONAL
logo
SeCoS Halbleitertechnol...
SD24-C SECOS-SD24-C Datasheet
123Kb / 2P
TVS Protection (Uni-Directional)
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
UNI-DIRECTIONAL TVS DIODE
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
Uni-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com