Electronic Components Datasheet Search
  English  ▼

X  

SD05 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD05
Description  UNI-DIRECTIONAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD05 Datasheet(HTML) 3 Page - Diodes Incorporated

  SD05 Datasheet HTML 1Page - Diodes Incorporated SD05 Datasheet HTML 2Page - Diodes Incorporated SD05 Datasheet HTML 3Page - Diodes Incorporated SD05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD05
Document number: DS31594 Rev. 4 - 2
3 of 4
www.diodes.com
September 2010
© Diodes Incorporated
SD05
Ordering Information (Note 8)
Part Number
Case
Packaging
SD05-7
SOD-323
3000/Tape & Reel
Notes:
8. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
0°
8°
All Dimensions in mm
Dimensions
Value (in mm)
Z
3.75
G
1.05
X
0.65
Y
1.35
C
2.40
ZA = Product type marking code
K
L
M
J
C
H
BA
Z
X
C
G
Y
ZA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com