Electronic Components Datasheet Search
  English  ▼

X  

SM05 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SM05
Description  DUAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SM05 Datasheet(HTML) 1 Page - Diodes Incorporated

  SM05 Datasheet HTML 1Page - Diodes Incorporated SM05 Datasheet HTML 2Page - Diodes Incorporated SM05 Datasheet HTML 3Page - Diodes Incorporated SM05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SM05
Document number: DS31828 Rev. 4 - 2
1 of 4
www.diodes.com
April 2010
© Diodes Incorporated
SM05
DUAL SURFACE MOUNT TVS
Features
•
300 Watts Peak Pulse Power (tp = 8x20
μs)
•
IEC 61000-4-2 (ESD): Air – 15kV, Contact – 8kV
•
Dual Common Anode TVS
•
SOT-23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
•
Lead Free/RoHS Compliant (Note 3)
•
“Green” Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound,
Note 3. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating) Solderable per MIL-STD-202, Method 208
•
Ordering Information: See Page 2
•
Marking Information: See Page 2
•
Weight: 0.0089 grams (approximate)
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
(Note 6) TA = 25°C
Ppk
300
W
Thermal Resistance, Junction to Ambient
(Note 6) TA = 25°C
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified (Note 7)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 5)
Max. Clamping
Voltage @ IPP = 5A
(Note 2)
Max. Clamping Voltage
VC @ IPP (Note 2)
Typical
Capacitance CT
(Note 1)
VRWM (V) Min (V) Max (V)
IT (mA)
IR (μA)
VC (V)
VC (V)
IPP (A)
(pF)
5
6.2
7.3
1.0
10
9.8
20.6
17
230
Notes:
1. VR = 0V, f = 1MHz.
2. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
3. No purposefully added lead.
4. Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 PC board with suggested pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
Measured across pin 1 and pin 2.
Top View
Device Schematic


Similar Part No. - SM05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM05 MCC-SM05 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM05 MICROSEMI-SM05 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM05 ONSEMI-SM05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
161Kb / 7P
TVS Diode Array
More results

Similar Description - SM05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
logo
Microsemi Corporation
MLL1.4KESD5.0 MICROSEMI-MLL1.4KESD5.0 Datasheet
213Kb / 4P
SURFACE MOUNT TVS
MLL14KESD5.0 MICROSEMI-MLL14KESD5.0 Datasheet
442Kb / 4P
SURFACE MOUNT TVS
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
DESDA5V3L DIODES-DESDA5V3L Datasheet
204Kb / 5P
DUAL SURFACE MOUNT TVS ARRAY
Rev 3
logo
Shanghai Leiditech Elec...
5.0SMDJ11A LEIDITECH-5.0SMDJ11A Datasheet
1Mb / 8P
TVS Surface Mount
logo
Diodes Incorporated
DESD6V8DLP DIODES-DESD6V8DLP Datasheet
210Kb / 4P
DUAL SURFACE MOUNT TVS
Rev 7
DESDA5V3LQ DIODES-DESDA5V3LQ Datasheet
211Kb / 5P
DUAL SURFACE MOUNT TVS ARRAY
Rev 1
T5V0DLP DIODES-T5V0DLP Datasheet
205Kb / 5P
LOW CAPACITANCE SURFACE MOUNT DUAL TVS
February 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com