Electronic Components Datasheet Search
  English  ▼

X  

SM05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SM05
Description  DUAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SM05 Datasheet(HTML) 2 Page - Diodes Incorporated

  SM05 Datasheet HTML 1Page - Diodes Incorporated SM05 Datasheet HTML 2Page - Diodes Incorporated SM05 Datasheet HTML 3Page - Diodes Incorporated SM05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM05
Document number: DS31828 Rev. 4 - 2
2 of 4
www.diodes.com
April 2010
© Diodes Incorporated
SM05
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
A
0
t, TIME ( s)
Fig. 2 Pulse Waveform
μ
20
40
60
100
50
0
1
10
100
1,000
10,000
t , PULSE DURATION (µs)
d
Fig. 3 Max. Peak Pulse Power vs. Pulse Duration
1
10
100
1,000
10,000
0
30
60
90
120
150
180
210
240
270
300
01
2
3
4
5
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Reverse Voltage
R
f = 1MHz
Ordering Information (Note 8)
Part Number
Case
Packaging
SM05-7
SOT-23
3000/Tape & Reel
Notes:
8. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
Code
X
Y
Z
A
B
C
D
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
TV1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: X = 2010)
M = Month (ex: 9 = September)
TV1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com