Electronic Components Datasheet Search
  English  ▼

X  

GC5330 Datasheet(PDF) 16 Page - Texas Instruments

Part # GC5330
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5330 Datasheet(HTML) 16 Page - Texas Instruments

Back Button GC5330 Datasheet HTML 12Page - Texas Instruments GC5330 Datasheet HTML 13Page - Texas Instruments GC5330 Datasheet HTML 14Page - Texas Instruments GC5330 Datasheet HTML 15Page - Texas Instruments GC5330 Datasheet HTML 16Page - Texas Instruments GC5330 Datasheet HTML 17Page - Texas Instruments GC5330 Datasheet HTML 18Page - Texas Instruments GC5330 Datasheet HTML 19Page - Texas Instruments GC5330 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
From BB
Interface
Block
To BB
Interface
Block
To Mux and
Sum Block
From
Distributor
Block
FIR
1 , 2
´
´
FIR
1 , 2
´
´
Farrow
1024
1–
´
Farrow
1024
1–
´
1–12 Channel DUC Block
1–12 Channel DDC Block
DUC Configuration
DDC Configuration
All 3 Blocks Interpolate
All 3 Blocks Decimate
CIC
1–3´
CIC
1–3´
X
X
NCO
NCO
B0448-01
Mixer
Mixer
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
Figure 12. DUC and DDC Functional Block Diagram
In combination with the follow-on mux and sum block, the DUC block interpolates, filters, mixes each carrier, and
combines multiple channels into one to four wideband, composite TX signal streams. Any input channel can be
mapped to any TX stream in the mux and sum block.
The DDC configuration accepts an RX stream from the distributor block and provides mixing, decimation filtering,
fractional resampling, and filtering to RX channels. The RX block outputs are mapped to the mixer CIC stream
via the distributor block.
Each DDUC block contains a finite impulse response (FIR) filter, a fractional resampler (Farrow filter), a
cascaded integrator-comb (CIC) filter, a complex mixer and NCO for channel placement in the composite stream,
and a programmable frequency hopper (see Figure 12).
The number of taps available in the FIR filter depends on various parameters such as the BBclk rate (derived
from DPDCLK) , input sample rate, interpolate and decimate settings, and number of channels. Different tap
values may be used for each channel (however, that reduces the number of filter taps available).
Note that the input sample rate is the input from the TX BB input formatter for the DUC configuration and the
input from the distributor block for DDC configuration. The number of taps for various wireless standards and
configurations is shown in Table 4.
The Farrow filter supports one real channel or 1
–12 complex channels and can be configured for any resampling
ratio from 1 to 1024 with 32-bit resolution. A different delay value for each channel is supported. The Farrow filter
is used to resample different TX BB input sample rates to a common CFR and DPD sample rate, and it provides
95-dB rejection at
±0.25 output fS (sample rate), 83-dB rejection at ±0.375 output fS, and 56-dB rejection at ±0.4
output fS.
The CIC interpolates or decimates by a factor of 1, 2, or 3. If each DDUC must support more than eight carriers,
the CIC must interpolate/decimate by 3. If each DDUC must support between four and eight carriers, the CIC can
interpolate/decimate by 2 or 3. If each DDUC must support fewer than four carriers, the CIC can interpolate by 1,
2, or 3.
16
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com