Electronic Components Datasheet Search
  English  ▼

X  

GC5330 Datasheet(PDF) 31 Page - Texas Instruments

Part # GC5330
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5330 Datasheet(HTML) 31 Page - Texas Instruments

Back Button GC5330 Datasheet HTML 27Page - Texas Instruments GC5330 Datasheet HTML 28Page - Texas Instruments GC5330 Datasheet HTML 29Page - Texas Instruments GC5330 Datasheet HTML 30Page - Texas Instruments GC5330 Datasheet HTML 31Page - Texas Instruments GC5330 Datasheet HTML 32Page - Texas Instruments GC5330 Datasheet HTML 33Page - Texas Instruments GC5330 Datasheet HTML 34Page - Texas Instruments GC5330 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
BBIN Data, BBIN Sync
BBIN Clk
t
su
t
su
t
h
t
h
T0507-01
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Table 11. General Switching Characteristics, TX BB LVDS Input
PARAMETER
TEST CONDITIONS
MIN NOM
MAX
UNIT
BASEBAND INTERFACE DDR LVDS
fCLK(BB-Serial)
384
500(Nibble0)
fCLK(BB-Nibble)
Baseband input clock frequency
See (1)
MHz
384(Nibble1)
fCLK(BB-Byte)
384
fCLK(RXA)
Baseband input clock frequency, using RXA
See (1)
250
MHz
tsu(BBS0)
BBIN3 Clk, BBIN1:0 Data, BBIN2 Sync
See (1)(2)
250
ps
thi(BBS0)
BBIN3 Clk, BBIN1:0 Data, BBIN2 Sync
See (1)(2)
200
ps
tsu(BBS1)
BBIN7 Clk, BBIN5:4 Data, BBIN6 Sync
See (1)(2)
210
ps
thi(BBS1)
BBIN7 Clk, BBIN5:4 Data, BBIN6 Sync
See (1)(2)
250
ps
tsu(BBS2)
BBIN11 Clk, BBIN9:8 Data, BBIN10 Sync
See (1)(2)
240
ps
thi(BBS2)
BBIN11 Clk, BBIN9:8 Data, BBIN10 Sync
See (1)(2)
190
ps
tsu(BBN0)
BBIN3 Clk, BBIN5,4,1,0 Data, BBIN2 Sync
See (1)(2)
250
ps
th(BBN0)
BBIN3 Clk, BBIN5,4,1,0 Data, BBIN2 Sync
See (1)(2)
220
ps
tsu(BBN1)
BBIN7 Clk, BBIN11:8 Data, BBIN6 Sync
See (1)(2)
250
ps
th(BBN1)
BBIN7 Clk, BBIN11:8 Data, BBIN6 Sync
See (1)(2)
220
ps
tsu(BB)
BBIN7 Clk, BBIN11:8,5:4,2:0 Data, BBIN6 Sync
See (1)(2)
280
ps
th(BB)
BBIN7 Clk, BBIN11:8,5:4,2:0 Data, BBIN6 Sync
See (1)(2)
250
ps
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Setup and hold times are measured from differential data crossing zero to differential clock crossing zero.
Figure 15. TX Baseband LVDS Input Timing Specifications
The BB LVDS RX outputs have three different output timing modes, DDR0, DDR1 and DDR2. DDR1 and DDR2
modes output data, and the BBclk output is centered over the data. In DDR0 mode, the data and clock are
edge-aligned. Different BBOUT pins are used for clock, frame, and data pins depending on the byte, nibble, and
serial modes. The DDR1 and DDR2 modes are shown in Table 12 and Figure 16. The DDR0 mode is shown in
Table 13 and Figure 17. Table 12 and Figure 16. DDR1 mode is used upto a BBclk frequency of 310 MHz.
DDR2 mode is used upto a BBclk frequency of 155 MHz. When the data rate is higher than 500 MHz, BBclk
above 250 MHz, the operating mode is DDR0. In this mode, the clock is aligned with the output data transition. In
DDR0 mode, the customer must delay the clock to meet the tsu and thi target for the baseband input. The tskw
time is measured as the relative skew for the data and frame to the clock output. This is shown in Figure 13 and
Table 17.
In receive (uplink) mode, the GC5330 outputs data using the LVDS pins BBOUT. The BBOUT port may be
operated in three modes, DDR0, DDR1, and DDR2.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com