Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 9Page - Texas Instruments ISO7420FE Datasheet HTML 10Page - Texas Instruments ISO7420FE Datasheet HTML 11Page - Texas Instruments ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
0
20
40
60
80
100
120
Data Rate - Mbps
I
at 5 V
CC2
I
at 3.3 V
CC2
I
at 5 V
CC1
I
at 3.3 V
CC1
0
2
4
6
8
10
12
T
= 25 C
No Load
A
o
0
20
40
60
80
100
120
Data Rate - Mbps
0
1
2
3
4
5
6
I
at 5 V
CC2
I
at 3.3 V
CC2
I
at 3.3 V
CC1
I
at 5 V
CC1
T
= 25 C
No Load
A
o
I
at 5 V
CC2
I
at 3.3 V
CC2
I
at 5 V
CC1
I
at 3.3 V
CC1
0
20
40
60
80
100
120
Data Rate - Mbps
0
1
2
3
4
5
6
7
8
T
= 25 C
A
o
C = 15 pF Load
L
I
at 5 V
CC2
I
at 3.3 V
CC2
I
at 5 V
CC1
I
at 3.3 V
CC1
0
20
40
60
80
100
120
Data Rate - Mbps
0
2
4
6
8
10
12
14
16
T
= 25 C
A
o
C = 15 pF Load
L
ISO7420E, ISO7420FE
ISO7421E, ISO7421FE
www.ti.com
SLLSE45B – DECEMBER 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS
ISO7420 SUPPLY CURRENT PER CHANNEL
ISO7420 SUPPLY CURRENT ALL CHANNELS
vs
vs
DATA RATE (NO LOAD)
DATA RATE (NO LOAD)
Figure 8. ISO7420x
Figure 9. ISO7420x
ISO7420 SUPPLY CURRENT PER CHANNEL
ISO7420 SUPPLY CURRENT ALL CHANNELS
vs
vs
DATA RATE (15 pF LOAD)
DATA RATE (15 pF LOAD)
Figure 10.
Figure 11.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ISO7420E, ISO7420FE ISO7421E, ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com