Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FE Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FE
Description  Low-Power Dual Channel Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420FE Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO7420FE Datasheet HTML 11Page - Texas Instruments ISO7420FE Datasheet HTML 12Page - Texas Instruments ISO7420FE Datasheet HTML 13Page - Texas Instruments ISO7420FE Datasheet HTML 14Page - Texas Instruments ISO7420FE Datasheet HTML 15Page - Texas Instruments ISO7420FE Datasheet HTML 16Page - Texas Instruments ISO7420FE Datasheet HTML 17Page - Texas Instruments ISO7420FE Datasheet HTML 18Page - Texas Instruments ISO7420FE Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
I
- Low-Level Output Current - mA
OL
Output V
= 3.3 V
CC
Output V
= 5 V
CC
T = 25°C
A
T = 25°C,
V
= V
= 3.3 V,
Pattern: PRBS 2 -1
A
CC1
CC2
7
T = 25°C,
V
= V
= 3.3 V,
Pattern: PRBS 2 -1
A
CC1
CC2
7
ISO7420E, ISO7420FE
ISO7421E, ISO7421FE
www.ti.com
SLLSE45B – DECEMBER 2010 – REVISED JANUARY 2011
TYPICAL CHARACTERISTICS (continued)
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEl OUTPUT CURRENT
Figure 16.
Figure 17. Typical Eye Diagram at 50 MBPS, 3.3 V
Figure 18. Typical Eye Diagram at 100 MBPS, 3.3 V
Operation
Operation
Spacer
REVISION HISTORY
Changes from Original (December 2010) to Revision A
Page
•
Changed the Max values for Supply current for VCC1 and VCC2, CL = 15pF ......................................................................... 7
Changes from Revision A (December 2010) to Revision B
Page
•
Changed Feature bullet From: ISO7421: TBDmA at 1Mbps, TBDmA at 25Mbps To: ISO7421: 1.8mA at 1Mbps,
2.8mA at 25Mbps .................................................................................................................................................................. 1
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 5V ............................................................................... 4
•
Updated the ISO7421x Supply Current values for VCC1 = 5V and VCC2 = 3.3V ................................................................... 5
•
Updated the ISO7421x Supply Current values for VCC1 = 3.3V and VCC2 = 5V ................................................................... 6
•
Updated the ISO7421x Supply Current values for VCC1 and VCC2 = 3.3V ............................................................................ 7
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ISO7420E, ISO7420FE ISO7421E, ISO7421FE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com