Electronic Components Datasheet Search
  English  ▼

X  

LB1820 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1820
Description  Office Automation-Use 3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1820 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1820 Datasheet HTML 1Page - Sanyo Semicon Device LB1820 Datasheet HTML 2Page - Sanyo Semicon Device LB1820 Datasheet HTML 3Page - Sanyo Semicon Device LB1820 Datasheet HTML 4Page - Sanyo Semicon Device LB1820 Datasheet HTML 5Page - Sanyo Semicon Device LB1820 Datasheet HTML 6Page - Sanyo Semicon Device LB1820 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
Lock detector
Low-level output voltage
VOL(LD)
ILD=10 mA
0.5
V
Lock range
±3.125
%
Start/stop pin
Start/stop operating voltage
0.4
0.5
0.6
V
Crystal Oscillator
Precision of oscillating
frequency
Referenced to indicated frequency
–500
+500
ppm
Temperature coefficient
–3
ppm/ °C
Drift in rotational speed
±0.01
%
Truth Table
Source
→ Sink
Input
IN1
IN2
IN3
1
OUT 3
→ OUT 2
H
H
L
2
OUT 3
→ OUT 1
H
L
L
3
OUT 2
→ OUT 1
H
L
H
4
OUT 2
→ OUT 3
L
L
H
5
OUT 1
→ OUT 3
L
H
H
6
OUT 1
→ OUT 2
L
H
L
Pin Assignment
Top view
With arbitrarily large
heat sink
Without heat sink
Ambient temperature, Ta – °C
LB1820
No.3302-3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com