Electronic Components Datasheet Search
  English  ▼

X  

LB1820 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1820
Description  Office Automation-Use 3-Phase Brushless Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1820 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB1820 Datasheet HTML 1Page - Sanyo Semicon Device LB1820 Datasheet HTML 2Page - Sanyo Semicon Device LB1820 Datasheet HTML 3Page - Sanyo Semicon Device LB1820 Datasheet HTML 4Page - Sanyo Semicon Device LB1820 Datasheet HTML 5Page - Sanyo Semicon Device LB1820 Datasheet HTML 6Page - Sanyo Semicon Device LB1820 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PWM Frequency Setting
The PWM frequency is determined by the resistor and capacitor connected to the CR pin. When a resistor is connected to the
FGIN+ pin, the PWM frequency can be roughly calculated by the following formula:
fPWM 6 1 ÷ (1.2 × C × R)
The resistor must not be less than 30 k
Ω. It is desirable for the PWM frequency to be about 15 kHz.
Quartz Oscillator
An oscillator, capacitor and resistor are to be connected to the quartz oscillator. When selecting the oscillator and the external
capacitor and resistor, always obtain approval from the manufacturer of the oscillator in order to avoid problems.
(Circuit with external quartz oscillator)
External constants (reference values)
Xtal (MHz)
C1 (pF)
C2 (pF)
R (k
Ω)
3 to 4
39
82
0.82
4 to 5
39
82
1.0
5 to 7
39
47
1.5
7to10
39
27
2.0
However, use a crystal such that the base wave
fO impedance : 3fO impedance=1:5or more
When inputting external signals (of several MHz) to the quartz oscillator, connect external components as shown in the diagram
below.
fIN =1to8 MHz
Input signal level High level voltage: 4.0 V min.
Low level voltage: 1.5 V max.
Ra=2 k
Ω,Rb=1 kΩ (reference values)
No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment,
nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or
indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
1 Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors
and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and
expenses associated with such use:
2 Not impose any responsibility for any fault or negligence which may be cited in any such claim or litigation on SANYO
ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume
production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use
or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of April, 1996. Specifications and information herein are subject to change without notice.
5 V pin
Xtal pin
Input
LB1820
No.3302-7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com