Electronic Components Datasheet Search
  English  ▼

X  

LB1824 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1824
Description  Power Brushless Motor Driver for OA Equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1824 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1824 Datasheet HTML 1Page - Sanyo Semicon Device LB1824 Datasheet HTML 2Page - Sanyo Semicon Device LB1824 Datasheet HTML 3Page - Sanyo Semicon Device LB1824 Datasheet HTML 4Page - Sanyo Semicon Device LB1824 Datasheet HTML 5Page - Sanyo Semicon Device LB1824 Datasheet HTML 6Page - Sanyo Semicon Device LB1824 Datasheet HTML 7Page - Sanyo Semicon Device LB1824 Datasheet HTML 8Page - Sanyo Semicon Device LB1824 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics at Ta = 25°C, VCC = VM = 24 V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Current drain
ICC1
34
50
mA
ICC2
When stopped
8
11
mA
Output saturation voltage
VOsat1
IO = 1A
2.0
3.0
V
VOsat2
IO = 2A
2.7
4.2
V
Output leakage current
IOleak
100
µA
Output voltage
VH
IO = –10 mA
6.65
7.0
7.35
V
7 V fixed voltage output
Voltage variation
∆VH1
VCC = 9.5 to 28 V
50
200
mV
Load variation
∆VH2
IO = –5 to –20 mA
40
200
mV
Output voltage
VX
IO = –5 mA
4.45
4.80
5.15
V
5 V fixed voltage output
Voltage variation
∆VX1
VCC = 9.5 to 28 V
50
200
mV
Load variation
∆VX2
IO = –5 to –20 mA
5
200
mV
Output voltage
VFG
IO = –5 mA
3.65
4.0
4.35
V
4 V fixed voltage output
Voltage variation
∆VFG1
VCC = 9.5 to 28 V
40
200
mV
Load variation
∆VFG2
IO = –5 to –15 mA
110
200
mV
Input bias current
IHB
–4
–1
µA
Common mode input voltage range
VICM
1.5
5.1
V
Hall amplifier
Hall input sensitivity
60
mVp-p
Hysteresis
∆VIN
8
14
24
mV
Input voltage low
→ high
VSLH
7
mV
Input voltage high
→ low
VSHL
–7
mV
Output high level voltage
VOH(CR)
2.8
3.1
3.4
V
Oscillator
Output low level voltage
VOL(CR)
0.8
1.1
1.4
V
Oscillator frequency
f(CR)
R = 56 k
Ω, C = 1000 pF
15
kHz
Amplitude
V(CR)
2.0
Vp-p
Current control operation
Limiter
VCC –VM
0.4
0.5
0.6
V
Thermal shutdown operation
Thermal shutdown operating temperature
TSD
Design target
150
180
°C
Hysteresis
∆TSD
50
°C
Input offset voltage
VIO(FG)
–10
+10
mV
Input bias current
IB(FG)
–1
+1
µA
Output high level voltage
VOH(FG)
IFG = –2 mA
5.5
6
V
FG amplifier
Output low level voltage
VOL(FG)
IFG = 2 mA
1
1.5
V
FG input sensitivity
100x gain
3
mV
Next stage Schmitt width
100
180
250
mV
Operating frequency range
2
kHz
Open loop gain
f(FG) = 2 kHz
45
51
dB
FGS output
Output saturation voltage
VO(FGS)
IO(FGS) = 2 mA
0.1
0.5
V
Output leakage current
IL(FGS)
VO = 5 V
10
µA
Output high level voltage
VOH(D)
4.0
4.3
V
Speed discriminator
Output low level voltage
IOL(D)
0.8
1.1
V
Number of counts
512
PLL output
Output high level voltage
VOH(P)
3.2
3.5
3.8
V
Output low level voltage
VOL(P)
1.2
1.5
1.8
V
Lock detection
Output low level voltage
VOL(LD)
ILD = 10 mA
0.15
0.5
V
Locking range
±6.25
%
Input bias current
IB(INT)
–0.4
+0.4
µA
Output high level voltage
VOH(INT)
3.7
4.3
V
Integrator
Output low level voltage
VOL(INT)
0.8
1.2
V
Open loop gain
60
dB
Gain-bandwidth product
1.6
MHz
Reference voltage
–5%
VX/2
5%
V
Crystal oscillator
Operating frequency range
fOSC
1
10
MHz
Input high level voltage
VIH(S/S)
4.0
V
Start/stop pin
Input low level voltage
VIL(S/S)
1.5
V
Pull-down resistance
RD(S/S)
30
50
70
k
Ω
Input high level voltage
VIH(F/R)
4.0
V
Forward/reverse pin
Input low level voltage
VIL(F/R)
1.5
V
Hysteresis
∆VIN
0.5
V
Pull-down resistance
RD(F/R)
30
50
70
k
Ω
LB1824
No. 4264-2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com