Electronic Components Datasheet Search
  English  ▼

X  

LB1837M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1837M
Description  Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1837M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1837M Datasheet HTML 1Page - Sanyo Semicon Device LB1837M Datasheet HTML 2Page - Sanyo Semicon Device LB1837M Datasheet HTML 3Page - Sanyo Semicon Device LB1837M Datasheet HTML 4Page - Sanyo Semicon Device LB1837M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics at Ta=25 °C, VCC =6 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current
ICC0
During standby
0.1
10
µA
ICC1
(For one channel) During bidirectional operation
during control, load open
23
mA
ICC2
(For one channel) During bidirectional operation
during saturation, load open
35
mA
ICC3
During braking (for one channel)
6.5
9
mA
Output saturation voltage
Vsat1
IO = 100 mA (upper side + lower side)
0.3
0.4
V
Vsat2
IO = 200 mA (upper side + lower side)
0.4
0.55
V
Vsat3
IO = 200 mA (lower side)
0.07
0.10
0.15
V
Reference voltage
Vref
Ivref=1mA
1.85
2.0
2.15
V
Output voltage
voltage characteristics
∆VO
∆VCC
VO =5V,VCC = 5.5 to 9 V,
IO = 100 mA
20
mV
Output voltage
current characteristics
∆VO
∆ICC
VO =5V,VCC =6V,
IO =10to100 mA
50
mV
Input current
IIN
VIN = 5 V
90
150
µA
Output voltage
VO
Between OUT and GND
2.5xVC
2.7xVC
V
Equivalent Circuit Block Diagram
(For one channel)
Truth Table
Input
Output
Mode
IN 1/3
IN 2/4
OUT 1/3
OUT 2/4
L
L
OFF
OFF
Standby
HLHL
Constant-voltage
regulated forward
operation
LHLH
Constant-voltage
regulated reverse
operation
H
H
L
L
Brake
The constant-voltage regulated output VO (= voltage between H
side output and GND) is controlled by 2.5 x VC. The output is
in the saturated state when the VC input range is 0.2 to 6 V and
VO ^ VCC.
Pin Assignment
Thermal
Reference
voltage
Logic predriver
Note: Both GND pins must be grounded.
LB1837M
No.3948 -2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com