Electronic Components Datasheet Search
  English  ▼

X  

LB1837M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1837M
Description  Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1837M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1837M Datasheet HTML 1Page - Sanyo Semicon Device LB1837M Datasheet HTML 2Page - Sanyo Semicon Device LB1837M Datasheet HTML 3Page - Sanyo Semicon Device LB1837M Datasheet HTML 4Page - Sanyo Semicon Device LB1837M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin Functions
Pin
No.
Symbol
Equivalent Circuit Diagram
Pin Function
14
VCC
Power supply pin for output and controller.
9
12
GND
GND pins for output and controller. Both
must be grounded.
1
2
6
7
IN2
IN1
IN3
IN4
Input pins that determine the excitation of
the outputs.
IN1 and IN2 control outputs OUT1 and
OUT2; IN3 and IN4 control outputs OUT3
and OUT4.
When inputs IN1 through IN4 are all low or
open, the device goes into standby mode
and current consumption drops to 10 µA or
less.
L: –0.3 to +0.7 V
H: 3.0 to 9.0 V
There are no limitations on the magnitude
relationships between the VCC and VIN
supply voltages.
8
10
11
13
OUT4
OUT3
OUT1
OUT2
Output pins.
Have built-in spark killer diodes. Braking
provides short braking that turns on the
lower transistor.
3
Vref
Reference voltage (= 2.0 V).
4
5
VC1
VC2
Output
Input pins that determine the constant-
voltage regulated output level.
The constant-voltage regulated output VO
(= voltage between H side output and
GND) is controlled by VO =2.5xVC. There
are no limitations on the magnitude
relationships between the VCC,VC1 and
VC2 supply voltages.
LB1837M
No.3948 -3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com