Electronic Components Datasheet Search
  English  ▼

X  

LB1872 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1872
Description  Polygon Mirror Scanner Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1872 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1872 Datasheet HTML 3Page - Sanyo Semicon Device LB1872 Datasheet HTML 4Page - Sanyo Semicon Device LB1872 Datasheet HTML 5Page - Sanyo Semicon Device LB1872 Datasheet HTML 6Page - Sanyo Semicon Device LB1872 Datasheet HTML 7Page - Sanyo Semicon Device LB1872 Datasheet HTML 8Page - Sanyo Semicon Device LB1872 Datasheet HTML 9Page - Sanyo Semicon Device LB1872 Datasheet HTML 10Page - Sanyo Semicon Device LB1872 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
No. 5625-8/11
LB1872
Continued from preceding page.
Pin No.
Symbol
Pin function
Equivalent circuit
20
LD
Phase lock detector output
This pin goes to the on state when the PLL phase is locked. This is an
open collector output.
21
N2
Divisor switch
Low: 0 to 1.0 V
Middle: 2.0 to 3.0 V
High: 4.0 V to VREG
This pin goes to the middle level when open.
22
N1
Divisor switch and external clock input
Low: 0 to 1.5 V
High: 3.5 V to VREG
This pin functions as the external clock input pin when N2 is at the
middle level.
This pin goes to the high level when open.
23
S/S
Start/stop control
Low: Start
High: Stop
This pin goes to the high level when open.
24
FGS
FG pulse-converted output
This pin outputs the post-hysteresis comparator FG signal.
This is an open collector output.
25
FGOUT
FG amplifier output
If noise in the FG signal is a problem, e.g. if discharge noise is
detected, insert a capacitor (about 0.01 to 0.1 µF) between this pin and
ground.
Continued on next page.
FG schmitt comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com