Electronic Components Datasheet Search
  English  ▼

X  

LB1872 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1872
Description  Polygon Mirror Scanner Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1872 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1872 Datasheet HTML 2Page - Sanyo Semicon Device LB1872 Datasheet HTML 3Page - Sanyo Semicon Device LB1872 Datasheet HTML 4Page - Sanyo Semicon Device LB1872 Datasheet HTML 5Page - Sanyo Semicon Device LB1872 Datasheet HTML 6Page - Sanyo Semicon Device LB1872 Datasheet HTML 7Page - Sanyo Semicon Device LB1872 Datasheet HTML 8Page - Sanyo Semicon Device LB1872 Datasheet HTML 9Page - Sanyo Semicon Device LB1872 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pin No.
Symbol
Pin function
Equivalent circuit
No. 5625-6/11
LB1872
Pin Functions
1
2
3
4
5
6
IN3
–
IN3
+
IN1
–
IN1
+
IN2
–
IN2
+
Hall amplifier inputs
IN
+ > IN– is the input high state, and the reverse is the input low state.
Connect a capacitor between the IN
+ and IN– inputs if there is noise in
the Hall sensor signals.
An amplitude of over 50 mV p-p and under 350 mV p-p is desirable in
the Hall sensor signals. Kickback may occur in the output if the input
signal has an amplitude greater than 350 mV p-p.
7
8
9
OUT3
OUT2
OUT1
Motor drive outputs
Connect capacitors between the motor outputs (or between the motor
outputs and ground) if oscillation occurs in the outputs. (Use capacitors
in the range 0.1 µF to 0.47 µF.)
10
RF
Output current detection
Connect a resistor (Rf) between this pin and ground.
The output current is limited to be up to IOUT = VREG/Rf.
11
VCC
Power supply
12
VREG
Stabilized power supply output (5-V output)
Connect a capacitor (about 0.1 µF) between this pin and ground for
stabilization.
13
14
XO
XI
Crystal oscillator connections
These pins are used to drive the reference clock oscillator element.
If an external clock (with a frequency of a few MHz) is used, connect a
resistor (about 13 k
Ω) to the XI pin in series and input the clock signal
through that resistor. Leave the XO pin open in this case.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com