Electronic Components Datasheet Search
  English  ▼

X  

FCX1051ATA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX1051ATA
Description  SOT89 NPN medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX1051ATA Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX1051ATA Datasheet HTML 1Page - Diodes Incorporated FCX1051ATA Datasheet HTML 2Page - Diodes Incorporated FCX1051ATA Datasheet HTML 3Page - Diodes Incorporated FCX1051ATA Datasheet HTML 4Page - Diodes Incorporated FCX1051ATA Datasheet HTML 5Page - Diodes Incorporated FCX1051ATA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FCX1051A
Issue 2 - July 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
1m
1m
1m
1m
1m
IC - Collector Current (A)
VCE(sat) v IC
0
IC/IB=50
IC/IB=100
IC/IB=200
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
+25°C
-55°C
IC/IB=100
VCE=2V
-55°C
IC/IB=100
+25°C
+150°C
+100°C
-55°C
10m
100m
1
10
0.2
0.4
0.5
0.3
0.1
10m
100m
1
10
0.1
0.2
0.3
0.4
0.5
10m
100m
1
10
600
150
300
450
750
10m
100m
1
10
10m
100m
1
10
0.2
0.4
0.6
0.8
1.0
0.4
0.8
1.2
1.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com