Electronic Components Datasheet Search
  English  ▼

X  

FMMT459TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # FMMT459TA
Description  500V Silicon NPN high voltage switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT459TA Datasheet(HTML) 5 Page - Diodes Incorporated

  FMMT459TA Datasheet HTML 1Page - Diodes Incorporated FMMT459TA Datasheet HTML 2Page - Diodes Incorporated FMMT459TA Datasheet HTML 3Page - Diodes Incorporated FMMT459TA Datasheet HTML 4Page - Diodes Incorporated FMMT459TA Datasheet HTML 5Page - Diodes Incorporated FMMT459TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
FMMT459
Issue 5 - August 2005
5
www.zetex.com
© Zetex Semiconductors plc 2005
Electrical characteristics
1m
10m
100m
10m
100m
1
1m
10m
100m
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
1m
10m
100m
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1m
10m
100m
0.4
0.6
0.8
1.0
1m
10m
100m
0.4
0.6
0.8
1.0
0
30
60
90
120
150
180
210
V
CE(SAT)
v I
C
Tamb=25°C
I
C
/I
B
=50
I
C
/I
B
=20
I
C
/I
B
=10
I
C
Collector Current (A)
V
BE(SAT)
v I
C
I
C
/I
B
=20
100°C
25°C
-55°C
I
C
Collector Current (A)
h
FE
v I
C
V
CE
=10V
-55°C
25°C
100°C
I
C
Collector Current (A)
25°C
V
CE(SAT)
v I
C
I
C
/I
B
=20
100°C
-55°C
I
C
Collector Current (A)
V
BE(ON)
v I
C
V
CE
=10V
100°C
25°C
-55°C
I
C
Collector Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com