Electronic Components Datasheet Search
  English  ▼

X  

FMMT459TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT459TA
Description  500V Silicon NPN high voltage switching transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT459TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT459TA Datasheet HTML 1Page - Diodes Incorporated FMMT459TA Datasheet HTML 2Page - Diodes Incorporated FMMT459TA Datasheet HTML 3Page - Diodes Incorporated FMMT459TA Datasheet HTML 4Page - Diodes Incorporated FMMT459TA Datasheet HTML 5Page - Diodes Incorporated FMMT459TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 5 - August 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
FMMT459
500V Silicon NPN high voltage switching transistor
Summary
V(BR)CEV > 500V
V(BR)ECV > 6V
Ic(cont) = 150 mA
Vce(sat) = 70 mV @ 50 mA
Description
This new high voltage transistor provides users with very efficient performance, combining low
VCE(SAT) high Hfe to give extremely low on state losses at 500V operation, making it ideal for use
in high efficiency Telecom and protected line switching applications.
Features
■ 6V reverse blocking capability
■ Low saturation voltage - 90mV @ 50mA
■ Hfe
50 @ 30 mA
■ IC=150mA continuous
■ SOT23 package with Ptot 625mW
■ Specification can be supplied in other package outlines
Applications
■ Electronic test equipment
■ Offline switching circuits
■ Piezo actuators
■ RCD circuits
Ordering information
Device marking
459
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
FMMT459TA
7
8
3,000
FMMT459TC
13
8
10,000
Pin out - top view


Similar Part No. - FMMT459TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT459TA ZETEX-FMMT459TA Datasheet
169Kb / 6P
450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
FMMT459TA ZETEX-FMMT459TA Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
More results

Similar Description - FMMT459TA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
Silicon NPN High Voltage Switching Transistor
logo
Zetex Semiconductors
FMMT459 ZETEX-FMMT459_05 Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com