Electronic Components Datasheet Search
  English  ▼

X  

LB1916 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1916
Description  CD-ROM Spindle Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1916 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1916 Datasheet HTML 1Page - Sanyo Semicon Device LB1916 Datasheet HTML 2Page - Sanyo Semicon Device LB1916 Datasheet HTML 3Page - Sanyo Semicon Device LB1916 Datasheet HTML 4Page - Sanyo Semicon Device LB1916 Datasheet HTML 5Page - Sanyo Semicon Device LB1916 Datasheet HTML 6Page - Sanyo Semicon Device LB1916 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 5653-2/7
LB1916
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
ICC1
VC = 2.5 V, VCREF = 2.5 V, RL = ∞,
17
30
mA
Supply current drain
VS/S = 5 V, VRF = GND
ICC2
VC = 2.5 V, VCREF = 2.5 V
7.5
10.5
mA
(ICC for VCC1)
ICC3
VC = 2.5 V, VCREF = 2.5 V, RL = ∞,
0.9
3
mA
VS/S = 0 V, VRF = GND
[Drive Block]
Output saturation voltage
VO(sat)1
IOUT = 0.4 A, sink + source
1.6
2.2
V
VO(sat)2
IOUT = 0.8 A, sink + source
2.0
3.0
V
Output TRS sustainable voltage
VO(sus)
IOUT = 20 mA, *
14
V
Output center voltage
VOQ
VC = 2.5 V, VCREF = 2.5 V
5.7
6.0
6.3
V
Hall amplifier input offset voltage
VH offset
–5
+5
mV
Hall amplifier input bias current
IH bias
1
5
µA
Hall amplifier common-mode input voltage range
VHch
1.3
2.2
V
Hall input/output voltage gain
VGHO
38
41
44
dB
Control - output drive gain 1
VGCO1
RZ1 = RZ2, GC1 = L, GC2 = L
23
26
dB
Control - output channel difference 1
∆VGCO1
RZ1 = RZ2, GC1 = L, GC2 = L
–1.5
+1.5
dB
Control - output drive gain 2
VGCO2
RZ1 = RZ2, GC1 = L, GC2 = H
29
32
dB
Control - output channel difference 2
∆VGCO2
RZ1 = RZ2, GC1 = L, GC2 = H
–1.9
+1.9
dB
Input dead band voltage
VDZ
RZ1 = RZ2, GC1 = L, GC2 = H
±24
±50
mV
VO (voltage between out and OUT) = 0.1 V
Input bias current 1
IB SERVO
VC = 1.0 V
500
nA
S/S pin high-level voltage
VS/S H
Inputs are CMOS level,
4.0
V
(See Note.) S/S pin Vth = VCC2/2
S/S pin low-level voltage
VS/S L
Inputs are CMOS level,
1.0
V
(See Note.) S/S pin Vth = VCC2/2
Gain control 1 high-level voltage
VGC1 H
Inputs are CMOS level,
4.0
V
(See Note.) GC1 pin Vth = 2.0 V
Gain control 1 low-level voltage
VGC1 L
Inputs are CMOS level,
1.0
V
(See Note.) GC1 pin Vth = 2.0 V
Gain control 2 high-level voltage
VGC2 H
Inputs are CMOS level,
4.0
V
(See Note.) GC2 pin Vth = 2.0 V
Gain control 2 low-level voltage
VGC2L
Inputs are CMOS level,
1.0
V
(See Note.) GC2 pin Vth = 2.0 V
S/S pin input current
IS/S
Input voltage = 5 V
50
100
µA
Gain control 1 and 2 current
IGC
Input voltage = 5 V
53
110
µA
Rotation output saturation voltage
V(sat)H.FG1, 2
IO = –5 mA
0.24
0.5
V
V(sus)H.FG1, 2
*
7
V
Hall bias voltage
VH±
IO = 5 mA, RH = 200 Ω
0.7
0.97
1.2
V
CTRL1 and CTRL2 are common,
CTRL pin high-level voltage
VS/S H
Inputs are CMOS level,
4.0
V
(See Note.) CTRL pin Vth = 2.5 V
CTRL1 and CTRL2 are common,
CTRL pin low-level voltage
VS/S L
Inputs are CMOS level,
1.0
V
(See Note.) CTRL pin Vth = 2.5 V
CTRL input pin
ICTRL
Input voltage = 5 V
53
110
µA
Thermal shutdown operating voltage
TSD
*
150
180
210
°C
Thermal shutdown hysteresis
∆TSD
*
15
°C
Electrical Characteristics at Ta = 25°C, VCC1 = 12 V, VCC2 = 5 V
Note: Items marked with an asterisk are design target values and are not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com