Electronic Components Datasheet Search
  English  ▼

X  

LB1916 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1916
Description  CD-ROM Spindle Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1916 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1916 Datasheet HTML 1Page - Sanyo Semicon Device LB1916 Datasheet HTML 2Page - Sanyo Semicon Device LB1916 Datasheet HTML 3Page - Sanyo Semicon Device LB1916 Datasheet HTML 4Page - Sanyo Semicon Device LB1916 Datasheet HTML 5Page - Sanyo Semicon Device LB1916 Datasheet HTML 6Page - Sanyo Semicon Device LB1916 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
No. 5653-3/7
LB1916
Hall Logic Truth Table
An input “H” state is defined as UIN1 > UIN2, VIN1 > VIN2, and the potential
difference is at least 0.2 V.
When VC > VCREF: Forward rotation
When VC < VCREF: Reverse rotation
Source
→ Sink
Hall input
Forward/reverse control
UIN
VIN
WIN
1
W
→ V
H
H
L
Forward
V
→ W
Reverse
2
W
→ U
H
L
L
Forward
U
→ W
Reverse
3
V
→ W
L
L
H
Forward
W
→ V
Reverse
4
U
→ V
L
H
L
Forward
V
→> U
Reverse
5
V
→ U
H
L
H
Forward
U
→ V
Reverse
6
U
→ W
L
H
H
Forward
W
→ U
Reverse
Mode Switching Truth Table
The low level is 0 to 1.0 V
The high level is 4.0 V or higher
CTRL0
CTRL1
Mode
L
L
Control
L
H
Control
H
L
Acceleration
H
H
Deceleration
Pin Assignment
VCREF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com