Electronic Components Datasheet Search
  English  ▼

X  

LB1921 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LB1921
Description  Three-Phase Brushless Motor Driver for OA Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1921 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LB1921 Datasheet HTML 2Page - Sanyo Semicon Device LB1921 Datasheet HTML 3Page - Sanyo Semicon Device LB1921 Datasheet HTML 4Page - Sanyo Semicon Device LB1921 Datasheet HTML 5Page - Sanyo Semicon Device LB1921 Datasheet HTML 6Page - Sanyo Semicon Device LB1921 Datasheet HTML 7Page - Sanyo Semicon Device LB1921 Datasheet HTML 8Page - Sanyo Semicon Device LB1921 Datasheet HTML 9Page - Sanyo Semicon Device LB1921 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8. External Interface Pins
• LD pin
Output type:
Open collector
Breakdown voltage:
Maximum supply voltage of 30 V
Saturation voltage sample-to-sample variation (reference value) (ILD = 10 mA)
0.10 to 0.15 V
• FGS pin
Output type:
Open collector
Breakdown voltage:
Maximum supply voltage of 30 V
Saturation voltage sample-to-sample variation (reference value) (IFGS = 2 mA)
0.12 to 0.18 V
The FGS pin outputs the FGS amplifier output converted to a pulse output by a hysteresis comparator for use in
speed monitoring. The pull-up resistor is not required when this pin is not used.
• Start/stop pin
Input type:
PNP transistor base with a 50-k
Ω pull-down resistor to ground.
Threshold level (typical):
about 2.6 V
In stop mode, the 4-V, 5-V, and 7-V fixed voltage power supplies are turned off.
• F/R pin
Input type:
PNP transistor base with a 50-k
Ω pull-down resistor to ground.
Threshold level (typical):
about 2.2 V (high to low), about 2.7 V (low to high)
Hysteresis:
about 0.5 V
F/R switching must be done when stopped.
9. Fixed Voltage Power Supply Temperature Characteristics
• 4-V power supply: about –0.5 mV/°C (typical)
• 5-V power supply: about –0.6 mV/°C (typical)
• 7-V power supply: about –2.5 mV/°C (typical)
10. FG Amplifier
The resistors R1 and R2 set the FG amplifier gain, with the gain being determined by the formula G = R2/R1. The
capacitors C4 and C5 determine the FG amplifier frequency characteristics, with R1 and C4 forming a high-pass filter
and R2 and C5 forming a low-pass filter. Since the FG amplifier is followed by a Schmitt comparator, the values of
R1, R2, C4 and C5 must be set up so that FG amplifier output is over 250 mVp-p. In particular, it is desirable that the
FG amplifier output be set up to be between 1 and 3 V during steady-state rotation.
11. External Capacitors
• C3
The capacitor C3 is required for FGIN+ pin fixed voltage power supply stabilization and IC internal logic initial
reset pulse generation. Although the value of this capacitor can be quite small for power supply stabilization, a
relatively large capacitance (about 4.7 µF) is required for reset pulse generation. The reset pulse is generated during
the time the FGIN+ pin goes from 0 to about 1.3 V. If the reset does not operate, LD will turn on briefly at startup.
If this phenomenon is not a problem, a capacitor of about 0.1 µF can be used for C3. After C3 is charged to 4 V,
when VCC is turned off (or the motor is stopped), the charge on C3 is discharged through the IC internal resistance
to ground, which is about 10 k
Ω.
• C1 and C2
The capacitors C1 and C2 are required for fixed voltage power supply stabilization. Since this IC adopts a direct
PWM drive scheme and switches large currents in the output, noise can occur easily. Thus the power supply must
be adequately stabilized so that this noise does not cause the IC to operate incorrectly. C1, C2 and C3 must be
connected as close as possible to GND1. In particular, C1’s characteristics are easily influenced and thus require
caution.
No. 5439-8/10
LB1921



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com