Electronic Components Datasheet Search
  English  ▼

X  

LB1921 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1921
Description  Three-Phase Brushless Motor Driver for OA Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1921 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1921 Datasheet HTML 1Page - Sanyo Semicon Device LB1921 Datasheet HTML 2Page - Sanyo Semicon Device LB1921 Datasheet HTML 3Page - Sanyo Semicon Device LB1921 Datasheet HTML 4Page - Sanyo Semicon Device LB1921 Datasheet HTML 5Page - Sanyo Semicon Device LB1921 Datasheet HTML 6Page - Sanyo Semicon Device LB1921 Datasheet HTML 7Page - Sanyo Semicon Device LB1921 Datasheet HTML 8Page - Sanyo Semicon Device LB1921 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Overview
The LB1921 is a single-chip motor driver circuit that
provides direct PWM drive output appropriate for driving
the power brushless motors used in office automation
equipment. The LB1921 also provides a variety of
peripheral functions, including speed control and FG
amplifier circuits, on chip.
Applications
• Paper feed and drum motor drivers in FAX and PPC
units
Functions and Features
• The LB1921 is an improved output current version of
the LB1824.
• Three-phase bipolar brushless motor driver
• Digital speed control circuit
• Thermal shutdown circuit
• Start/stop pin
• Lock detector output
• Crystal oscillator and divider circuits
• FG and error amplifiers
• Power supply current limiter
Package Dimensions
unit: mm
3147A-DIP28HS
Monolithic Digital IC
53096HA (OT) No. 5439-1/10
SANYO: DIP28HS
[LB1921]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Three-Phase Brushless Motor Driver
for OA Applications
LB1921
Ordering number : EN5439


Similar Part No. - LB1921

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
Power Brushless Motor Driver IC for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Similar Description - LB1921

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
Three-Phase Brushless Motor Driver
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
Three-Phase Brushless Motor Driver for Office Equipment Applications
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
Three-Phase Brushless Motor Driver for OA Products
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
For OA Products Three-Phase Brushless Motor Driver
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
For OA Products Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com